PART |
Description |
Maker |
52PFR120W 52PFR80W 50PF120 50PF120W 50PF40 50PF40W |
N/A STANDARD RECOVERY DIODES GEN II DO5 DIODE 50 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB, PLASTIC, DO-5, 1 PIN, Rectifier Diode
|
IRF[International Rectifier] Vishay Semiconductors
|
302U010A 302U020A 302U030A 302U10A 302U60A 302UR02 |
STANDARD RECOVERY DIODES 50V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 400V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 800V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 100V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 1000V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 600V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 200V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 320 x 240 pixel format, CFL backlight available with power harness STANDARD RECOVERY DIODES 标准恢复二极
|
IRF[International Rectifier] International Rectifier, Corp.
|
BY44810 BY458 |
Standard Avalanche Sinterglass Diode 2 A, 1200 V, SILICON, RECTIFIER DIODE
|
Vishay Siliconix VISHAY SEMICONDUCTORS
|
PM8 PM0 |
2 A, 1000 V, SILICON, RECTIFIER DIODE Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
|
Semtech Corporation
|
AS7C3364PFS36A-166TQI AS7C3364PFS32A AS7C3364PFS32 |
3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 9 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 16Vz 15.5mA-Izt 0.05 5uA-Ir 12.2Vr DO41-GLASS 5K/REEL 64K X 36 STANDARD SRAM, 12 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 12 ns, PQFP100
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
1N5399-TB 1N5391 1N5391_06 1N5391-T3 1N5391-TB 1N5 |
1.5A STANDARD DIODE
|
WTE[Won-Top Electronics]
|
1A6 1A1 1A2 1A3 1A4 1A7 |
1.0A STANDARD DIODE
|
Won-Top Electronics Co., Ltd.
|
1A7-TB 1A1 1A1_06 1A1-T3 1A1-TB 1A2 1A2-T3 1A2-TB |
1.0A STANDARD DIODE
|
WTE[Won-Top Electronics]
|
10A8-T3 10A05 10A05-T3 10A1 10A10 10A10-T3 10A1-T3 |
10A STANDARD DIODE
|
WTE[Won-Top Electronics]
|